Part Number Hot Search : 
F08A40 Q2012NH5 0504A1 1N4744A CTGS104 M1610 BM200 215SH3
Product Description
Full Text Search
 

To Download SSM9973GM Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SSM9973GM
Dual N-channel Enhancement-mode Power MOSFETs
Simple drive requirement Lower gate charge Fast switching characteristics
Pb-free; RoHS compliant.
D1 D1
BV D2
D2
BVDSS
R
G2 S2
60V 80m 3.9A
R DS(ON) ID
I
SO-8
S1 G1
DESCRIPTION
Advanced Power MOSFETs from Silicon Standard provide the designer with the best combination of fast switching, ruggedized device design, low on-resistance and cost-effectiveness. The SSM9973M is in an SO-8 package, which is widely preferred for commercial and industrial surface mount applications. This device is suitable for low voltage applications such as DC/DC converters.
D1 D2
G1 S1
G2 S2
ABSOLUTE MAXIMUM RATINGS
Symbol VDS VGS ID @ TA=25C ID @ TA=70C IDM PD @ TA=25C TSTG TJ Parameter Drain-Source Voltage Gate-Source Voltage Continuous Drain Current Pulsed Drain Current
1 3 3
Rating 60 20 3.9 2.5 20 2 0.016 -55 to 150 -55 to 150
Units V V A A A W W/C C C
Continuous Drain Current Total Power Dissipation Linear Derating Factor
Storage Temperature Range Operating Junction Temperature Range
THERMAL DATA
Symbol Rthj-a Parameter Thermal Resistance Junction-ambient
3
Value Max. 62.5
Unit C/W
12/10/2004 Rev.2.03
www.SiliconStandard.com
1 of 5
SSM9973GM
o ELECTRICAL CHARACTERISTICS @ Tj = 25 C (unless otherwise specified)
Symbol BVDSS
Parameter Drain-Source Breakdown Voltage Static Drain-Source On-Resistance2
Test Conditions VGS=0V, ID=250uA
Min. 60 1 -
Typ. 0.06 3.5 8 2 4 8 4 20 6 700 80 50
Max. Units 80 100 3 1 25 100 13 1120 V V/C m m V S uA uA nA nC nC nC ns ns ns ns pF pF pF
BV DSS/Tj
RDS(ON)
Breakdown Voltage Temperature Coefficient Reference to 25C, ID=1mA
VGS=10V, ID=3.9A VGS=4.5V, ID=2A
VGS(th) gfs IDSS IGSS Qg Qgs Qgd td(on) tr td(off) tf Ciss Coss Crss
Gate Threshold Voltage Forward Transconductance
Drain-Source Leakage Current (Tj=25 C) Drain-Source Leakage Current (Tj=70 C)
o o
VDS=VGS, ID=250uA VDS=10V, ID=3.9A VDS=60V, VGS=0V VDS=48V ,VGS=0V VGS= 20V ID=3.9A VDS=48V VGS=4.5V VDS=30V ID=1A RG=3.3 , VGS=10V RD=30 VGS=0V VDS=25V f=1.0MHz
Gate-Source Leakage Total Gate Charge
2
Gate-Source Charge Gate-Drain ("Miller") Charge Turn-on Delay Time Rise Time Turn-off Delay Time Fall Time Input Capacitance Output Capacitance Reverse Transfer Capacitance
2
SOURCE-DRAIN DIODE
Symbol VSD Parameter Forward On Voltage
2
Test Conditions IS=3.9A, VGS=0V IS=3.9A, VGS=0V, dI/dt=100A/s
Min. -
Typ. 28 35
Max. Units 1.2 V ns nC
trr
Qrr
Reverse Recovery Time Reverse Recovery Charge
Notes:
1.Pulse width limited by maximum junction temperature. 2.Pulse width <300us, duty cycle <2%. 3.Surface-mounted on 1 in2 copper pad of FR4 board ; 135C/W when mounted on minimum copper pad.
12/10/2004 Rev.2.03
www.SiliconStandard.com
2 of 5
SSM9973GM
40 30
35
T A =25 o C
ID , Drain Current (A)
30
ID , Drain Current (A)
10V 6.0V 5.0V 4.5V
25
T A =150 o C
10V 6.0V 5.0V 4.5V
20
25
20
15
15
10
10
5
V G =3.0V
5
V G =3.0V
0 0 1 2 3 4 5 6 7 8
0 0 1 2 3 4 5 6 7 8
V DS , Drain-to-Source Voltage (V)
V DS , Drain-to-Source Voltage (V)
Fig 1. Typical Output Characteristics
Fig 2. Typical Output Characteristics
95
2.5
I D =3.9A
90
I D =3.9A
2.0
T A =25 C Normalized RDS(ON)
o
V G =10V
85
1.5
RDS(ON) (m )
80
1.0
75
0.5
70
3 5 7 9 11
0.0 -50 0 50 100 150
V GS , Gate-to-Source Voltage (V)
T j , Junction Temperature ( o C)
Fig 3. On-Resistance vs. Gate Voltage
Fig 4. Normalized On-Resistance vs. Junction Temperature
2.5
4
3
2
2
VGS(th) (V)
1.4
IS(A)
o T j =150 C
T j =25 o C
1.5
1
1
0
0.5 0 0.2 0.4 0.6 0.8 1 1.2 -50 0 50 100 150
V SD , Source-to-Drain Voltage (V)
T j ,Junction Temperature ( o C)
Fig 5. Forward Characteristic of Reverse Diode
12/10/2004 Rev.2.03
Fig 6. Gate Threshold Voltage vs. Junction Temperature
www.SiliconStandard.com
3 of 5
SSM9973GM
14 10000
f=1.0MHz
VGS , Gate to Source Voltage (V)
12
I D =3.9A V DS =30V V DS =38V V DS =48V C (pF)
10
1000
8
Ciss
6
100 4
Coss Crss
2
0 0 4 8 12 16 20 10 1 5 9 13 17 21 25 29
Q G , Total Gate Charge (nC)
V DS , Drain-to-Source Voltage (V)
Fig 7. Gate Charge Characteristics
Fig 8. Typical Capacitance Characteristics
100
1
Normalized Thermal Response (R thja)
Duty factor=0.5
10
0.2
0.1
0.1
0.05
ID (A)
1
1ms 10ms
0.02
PDM t T
Duty factor = t/T Peak Tj = PDM x Rthja + Ta Rthja=135/W
0.01
0.01
Single Pulse
0.1
T A =25 C Single Pulse
0.01 0.1 1 10 100
o
100ms 1s DC
0.001
1000
0.0001
0.001
0.01
0.1
1
10
100
1000
V DS , Drain-to-Source Voltage (V)
t , Pulse Width (s)
Fig 9. Maximum Safe Operating Area
Fig 10. Effective Transient Thermal Impedance
VDS 90%
VG QG 4.5V QGS QGD
10% VGS td(on) tr td(off) tf Charge Q
Fig 11. Switching Time Waveform
12/10/2004 Rev.2.03
Fig 12. Gate Charge Waveform
www.SiliconStandard.com
4 of 5
SSM9973GM
Information furnished by Silicon Standard Corporation is believed to be accurate and reliable. However, Silicon Standard Corporation makes no guarantee or warranty, express or implied, as to the reliability, accuracy, timeliness or completeness of such information and assumes no responsibility for its use, or for infringement of any patent or other intellectual property rights of third parties that may result from its use. Silicon Standard reserves the right to make changes as it deems necessary to any products described herein for any reason, including without limitation enhancement in reliability, functionality or design. No license is granted, whether expressly or by implication, in relation to the use of any products described herein or to the use of any information provided herein, under any patent or other intellectual property rights of Silicon Standard Corporation or any third parties.
12/10/2004 Rev.2.03
www.SiliconStandard.com
5 of 5


▲Up To Search▲   

 
Price & Availability of SSM9973GM

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X